Part Number Hot Search : 
0734F BP87C54 MP4211 4S640 74AVC T300CH AK4964S MTP10
Product Description
Full Text Search
 

To Download MSK5002-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 features: dual low dropout voltage internal short circuit current limit output voltages are internally set to 1% max electrically isolated case internal thermal overload protection many output voltage combinations alternate package and lead form confgurations available equivalent rad hard device msk5930rh series high effciency linear regulators constant voltage/current regulators system power supplies switching power supply post regulators typical applications pin-out information 1 2 3 4 5 +vin +vout gnd -vin -vout 5000 series dual positive/negative, 3 amp, low dropout fixed voltage regulators description: the msk5000 series offers low dropout voltages on both the positive and negative regulators. this, combined with the low jc, allows increased output current while providing exceptional device effciency. because of the increased effciency, a small hermetic 5 pin package can be used providing maximum performance while occupying minimal board space. output voltages are internally trimmed to 1% maximum resulting in consistent and accurate operation. additionally, both regulators offer internal short circuit current and thermal limiting, which allows circuit protection and eliminates the need for external components and excessive derating. equivalent schematic mil-prf-38534 and 38535 certified facility 8548-81 rev. k 2/15 case=isolated
i out =0a; vin=vout+3v 0a i out 3a; ? vout=50mv 100ma i out 3a vin=vout+3v i out =0a (vout+3v) vin (vout+15v) vin=vout+3v; i out =0a vin=vout+5v i out =3a; c out =25f; f=120hz junction to case @ tc=125c i out =0a; vin=vout+3v 0a i out 3a; ? vout=50mv vin=vout+3v 100ma i out 3a i out =0a (vout+3v) vin (vout+15v) vin=vout+3v; i out =0a vin=vout+5v i out =3a; c out =25f; f=120hz junction to case @ tc=125c part number positive output regulators: output voltage tolerance dropout voltage load regulation line regulation quiescent current short circuit current ripple rejection thermal resistance negative output regulators: output voltage tolerance dropout voltage load regulation line regulation quiescent current short circuit current ripple rejection thermal resistance max. 1.0 2.0 1.5 1 2 0.5 .75 15 - - 4.5 1.0 2.0 1.2 1 2 .5 .75 10 - - 4.7 storage temperature range lead temperature range (10 seconds) case operating temperature msk5000-5009 msk5000b-5009b esd rating -65c to +150c 300c -40c to +85c -55c to +125c class 2 absolute maximum ratings t st t ld t c outputs are decoupled to ground using 33f minimum low esr capacitors unless otherwise specifed. guaranteed by design but not tested. typical parameters are representative of actual device performance but are for reference only. all output parameters are tested using a low duty cycle pulse to maintain t j = t c . industrial devices shall be tested to subgroup 1 unless otherwise specifed. military grade devices ("h" suffx) shall be 100% tested to subgroups 1,2 and 3. subgroup 1 t a =t c =+25c subgroup 2 t a =t c =+125c subgroup 3 t a =t c =-55c please consult the factory if alternate output voltages are required. input voltage (vin=vout + a specifed voltage) is implied to be more negative than vout. continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle. internal solder refow temperature is 180c, do not exceed. min. - - - - - - - - 3.0 60 - - - - - - - - - 3.0 60 - group a subgroup 1 2,3 1 1 2,3 1 2,3 1,2,3 - - - 1 2,3 1 1 2,3 1 2,3 1,2,3 - - - min. - - - - - - - - 3.2 60 - - - - - - - - - 3.0 60 - typ. 0.1 0.1 1.3 0.2 0.3 0.1 0.2 10 4 75 4.3 0.1 0.1 0.8 0.2 0.3 .1 .2 4.5 3.5 75 4.5 typ. 0.1 - 1.3 0.2 - 0.1 - 10 4 75 4.3 0.1 - 0.8 0.2 - .1 - 4.5 3.5 75 4.5 max. 2.0 - 1.6 2 - 0.6 - 15 - - 4.6 2.0 - 1.3 2 - .6 - 10 - - 4.8 parameter electrical specifications test conditions units msk5000 series msk5000b series 3 2 2 2 2 % % v % % % % ma a db c/w % % v % % % % ma a db c/w +3.3v +5.0v +5.0v +12.0v +12.0v +15.0v +15.0v +5.0v +5.0v +10.0v msk5000 msk5001 msk5002 msk5003 msk5004 msk5005 msk5006 msk5007 msk5008 msk5009 -5.2v -5.0v -5.2v -5.0v -12.0v -15.0v -5.0v -12.0v -15.0v -10.0v 8 output voltages positive negative 7 2 2 1 2 3 4 5 6 7 8 9 10 2 notes: 2 2 9 30v internally limited 3a +150c input voltage (wrt vout) power dissipation output current junction temperature vin p d i out t j 10 8548-81 rev. k 2/15
application notes heat sinking to determine if a heat sink is required for your application and if so, what type, refer to the thermal model and governing equation below. governing equation: tj = pd x (r jc + r cs + r sa) + ta where tj = junction temperature pd = total power dissipation r jc = junction to case thermal resistance r cs = case to heat sink thermal resistance r sa = heat sink to ambient thermal resistance tc = case temperature ta = ambient temperature ts = heat sink temperature example: this example demonstrates an analysis where each regulator is at one-half of its maximum rated power dissipation, which occurs when the output currents are at 1.5 amps each. conditions for msk5002: vin = 7.0v; iout = 1.5a 1.) assume 45 heat spreading model. 2.) find positive regulator power dissipation: pd = (vin - vout)(iout) pd = (7-5)(1.5) = 3.0w 3.) for conservative design, set tj = +125c max. 4.) for this example, worst case ta = +90c. 5.) r jc = 4.5c/w from the electrical specifcation table. 6.) r cs = 0.15c/w for most thermal greases. 7.) rearrange governing equation to solve for r sa: r sa = ((tj - ta)/pd) - (r jc) - (r cs) = (125c - 90c)/3.0w - 4.5c/w - 0.15c/w = 7.0c/w the same exercise must be performed for the negative regulator. in this case the result is 7.0c/w. therefore, a heat sink with a thermal resistance of no more than 7.0c/w must be used in this application to maintain both regulator circuit junction temperatures under 125c. overload shutdown the regulators feature both power and thermal overload protec - tion. when the maximum power dissipation is not exceeded, the regulators will current limit slightly above their 3 amp rating. as the vin-vout voltage increases, however, shutdown occurs in relation to the maximum power dissipation curve. if the device heats enough to exceed its rated die junction temperature due to excessive am - bient temperature, improper heat sinking etc., the regulators also shutdown until an appropriate junction temperature is maintained. it should also be noted that in the case of an extreme overload, such as a sustained direct short, the device may not be able to recover. in these instances, the device must be shut off and power reapplied to eliminate the shutdown condition. load regulation for best results the ground pin should be connected directly to the load as shown below, this effectively reduces the ground loop effect and eliminates excessive voltage drop in the sense leg. it is also important to keep the output connection between the regulator and the load as short as possible since this directly affects the load regulation. for example, if 20 gauge wire were used which has a resistance of about .008 ohms per foot, this would result in a drop of 8mv/ft at 1amp of load current. it is also important to follow the capacitor selection guidelines to achieve best performance. refer to figure 2 for connection diagram. figure 2 avoiding ground loops bypass capacitors for most applications a 33uf minimum, low esr (0.5-2 ohm) tantalum capacitor should be attached as close to the regulator's output as possible. this will effectively lower the regulator's output impedance, increase transient response and eliminate any oscil - lations that are normally associated with low dropout regulators. additional bypass capacitors can be used at the remote load locations to further improve regulation. these can be either of the tantalum or the electrolytic variety. unless the regulator is located very close to the power supply flter capacitor(s), a 4.7uf minimum low esr (0.5-2 ohm) tantalum capacitor should also be added to the regulator's input. an electrolytic may also be substituted if desired. when substituting electrolytic in place of tantalum capacitors, a good rule of thumb to follow is to increase the size of the electrolytic by a factor of 10 over the tantalum value. low dropout positive and negative power supply msk5002 typical application: figure 1 3 8548-81 rev. k 2/15
typical performance curves 4 8548-81 rev. k 2/15
mechanical specifications ordering information lead configurations s= straight; u= bent up; d= bent down package style t= top tab screening blank=industrial; b=mil-prf-38534 class h general part number (voltage) msk5000 b t u the above example is a +3.3v, -5.2v military regulator using the top tab package with leads bent up. 5 weight=7.7 grams typical esd triangle indicates pin 1 all dimensions are specified in inches 8548-81 rev. k 2/15
lead configurations s= straight; u= bent up; d= bent down package style z= z pack screening blank=industrial; b=mil-prf-38534 class h general part number (voltage) msk5000 b z u 6 weight=7.5 grams typical esd triangle indicates pin 1 all dimensions are specified in inches mechanical specifications cont'd ordering information 8548-81 rev. k 2/15
msk www.anaren.com/msk the information contained herein is believed to be accurate at the time of printing. msk reserves the right to make changes to its products or specifcations without notice, however , and assumes no liability for the use of its products. please visit our website for the most recent revision of this datasheet. 7 revision history 8548-81 rev. k 2/15


▲Up To Search▲   

 
Price & Availability of MSK5002-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X